PART |
Description |
Maker |
ATF1516AS-10UC192 ATF1516AS-15UC192 ATF1516ASL-20U |
High performance EE-based CPDL, 70 MHz High performance EE-based CPDL, 100 MHz High Performance EE-Based CPLD EE PLD, 20 ns, PPGA192 High Performance EE-Based CPLD EE PLD, 20 ns, PQFP160 ER 4C 4#8 SKT RECP LINE 320 x 240 pixel format, LED or CFL Backlight OSC 5V SMT 7X5 CMOS PROGRM KVM INTERCONNECT MODULE CABLE
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
5962-9951901QYA 5962-9951902QYA 5962-9952001QYA 59 |
5V, ISR high-performance CPLDs, 64 macrocells, 125MHz 5V, ISR high-performance CPLDs, 64 macrocells, 154MHz 3.3V, ISR high-performance CPLDs, 64 macrocells, 100MHz 3.3V, ISR high-performance CPLDs, 128 macrocells, 83MHz 3.3V, ISR high-performance CPLDs, 256 macrocells, 66MHz 5V, ISR high-performance CPLDs, 512 macrocells, 100MHz 3.3V, ISR high-performance CPLDs, 512 macrocells, 66MHz 3.3V, ISR high-performance CPLDs, 64 macrocells, 143MHz
|
Cypress
|
3VSK1 3VSK111 3VSK3 20VSK6 30VSK6C 3VSK7 3ESK1 3ES |
High Performance K Series RFI Line Filters for SMPS Emission Control Power Line SK (High Performance) Series Power Line SK Series
|
Tyco Electronics TE Connectivity Ltd
|
MIC5332-2.8YMT MIC5332-2.85YMT MIC5332-2.5YMT MIC5 |
Micro-Power High Performance Dual 300mA ULDO?/a> Micro-Power High Performance Dual 300mA ULDO⑩
|
Micrel Semiconductor
|
APW8707B |
High-Performance, High-Current DrMOS Power Module
|
Anpec Electronics Corop...
|
APW8706AQBI-TRG |
High-Performance, High-Current DrMOS Power Module
|
Anpec Electronics Corop...
|
AOZ5019 AOZ5019QI |
High-Current, High-Performance DrMOS Power Module
|
Alpha & Omega Semicondu...
|
APW8703QBI-TRG APW8703-17 |
High-Performance, High-Current DrMOS Power Module
|
Anpec Electronics Corop...
|
ATF1508AS ATF1508AS-10AC100 ATF1508AS-10JC84 ATF15 |
High performance EE PLD, 100MHz High Performance E2 PLD High performance EE PLD, 166.7MHz
|
ATMEL[ATMEL Corporation]
|
AT90SC25672R AT90SC25672RT AT90SC320856 AT90SC3208 |
Low-power, High performance 8-bit/16-bit secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out of bounds" detectors, side channe Low-power, high-performance, 8-bit/16-bit secure microcontroller with 32K Byte ROM, 8K Byte FLASH and 56K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 32K Byte FLASH and 32K Byte EEPROM. Low-power, High performance 8-bit/16-bit secure microcontroller with 48K Byte ROM, 2K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Low-power, High Performance 8-bit/16-bit secure microcontroller with 64K Byte ROM, 4K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 8K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 64K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 32K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 96K Byte ROM and 16K Byte EEPROM.
|
Atmel
|
|